Part Number Hot Search : 
10M162J HE721C EPA1951G 827M0 15C30 35100 CM542 PR100
Product Description
Full Text Search
 

To Download MB4005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MB4005 THRU MB4010
40 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB-50
B
Mounting Hole For #8 Screw Plastic Case With Metal Bottom Any Mounting Position Surge Rating Of 400 Amps
Maximum Ratings
* * Operating Temperature: -50C to +150C Storage Temperature: -50C to +150C MCC Catalog Number MB4005 MB401 MB402 MB404 MB406 MB408 MB4010 Device Marking Maximum Reccurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000v Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000v
C
MB4005 MB401 MB402 MB404 MB406 MB408 MB4010
E
G AC D + H AC A
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 40.0A 400A TJ = 55C 8.3ms, half sine
J A
VF
1.2V
IFM = 20A per element; TJ = 25C*
DIM A B C D E G H J INCHES MIN ----.425 .693 .637 .188 .633 .543
DIMENSIONS MM MIN ----10.80 17.54 16.20 4.77 16.10 13.80
Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 0.5mA TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
MAX 1.140 .452 .480 .732 .677 --.673 .582
MAX 29.00 11.50 12.20 18.6 17.20 --17.10 14.80
NOTE
www.mccsemi.com
MB4005 thru MB4010
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 TJ=25C
Figure 2 Typical Reverse Characteristics
MCC
80 Volts
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 60
Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 600
50
500 400 300 Amps 200 100
40
30 Amps 20
10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 150 175 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 00 60 80 100
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MB4005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X